Part Number Hot Search : 
M4003 U4793B05 M74HC423 LH28F IP1844A 39A108 095R3 CD4050A
Product Description
Full Text Search
 

To Download SJS716100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (actual size) introducing the new 8-pin quickconnect? new from amphenol pcd locking mechanism. high density. no tools required. small envelope/lightweight. more new quickconnects single-pin quickconnect? triple-pin quickconnect? more details inside more details inside benefits at a glance (entire sjs quickconnect? series) mil-t-81714 developed to meet mil-t-81714 criteria. quick, simple connection makes wire installation and maintenance simple and efficient. environmental sealing interfacial and triple-barrier rear seal provide complete environmental sealing. mil-c-39029 uses standard mil-c-39029 contacts. durability rugged polyamide housings. blind-mate connection polarization feature enables blind, foolproof mating. panel mount quickconnect? contact us for more information designed for lean manufacturing, the 8-pin quickconnect? is the latest addition to the sjs quickconnect series from amphenol pcd. it was developed to bring higher reliability and flexibility to wiring applications and to make installation and maintenance easier. introducing the new 8-pin quickconnect? amphenol pcd www.amphenolpcd.com email: quickconnect@amphenolpcd.com 978-624-3400
technical specifications materials insulator body polyamide 6/6 (nylon) grommet silicone rubber contact retainers stainless steel performance temperature range - 65c to + 125c insulation resistance 5000 megaohms min. @ 500 vdc dielectric withstanding 1000 vrms, 60 hz @ sea level 300 vrms, 60 hz @ 70,000 ft. 300 vrms, 60 hz @ 100,000 ft. durability 500 mating cycles temperature cycling 5 (1) hour cycles: - 65c to + 125c shock 100g sawtooth, 6ms vibration 10-2000 hz, 15g peak salt spray 5% salt spray @ 95f for 48 hours humidity 10 days @ 25c to 65c, 80-90% rh current ratings size 22: 5 amps contacts size 22 m39029/57-354 (socket) size 22 m39029/58-360 (pin) plug receptacle 8-pin quickconnect? product description 8 wire size part no. length inch cm diameter inch cm mated length inch cm weight grams key color 22 sjs830100 0.77 0.52 1.25 1.72 n/a black 1.32 1.95 3.18 plug description receptacle description 8 wire size part no. length inch cm diameter inch cm mated length inch cm weight grams key color 22 sjs830200 0.74 0.45 1.25 1.37 n/a black 1.14 1.88 3.18 8-pin quickconnect? : the new 8-pin quickconnect, the latest product in the sjs quickconnect series, was developed to bring higher reliability and flexibility to wiring applications. designed to meet mil-t-81714 criteria, the product, with no tools nec essary, is simple to install and easy to maintain. it features a locking mechanism t hat ensures mating stability and a high density contact area that allows for a variety of po wer and data applications?all within a small, lightweight envelope. plug sjs830100 receptacle sjs830200 (contacts must be ordered separately.) for new contact arrangements, contact us. to connect : 1. on plug, line up circle and triangle. 2. align circles on plug and receptacle. 3. gently push together and ?twist? to lock. plug receptacle amphenol pcd www.amphenolpcd.com email: quickconnect@amphenolpcd.com 978-624-3400 dimensions: inches
plug descriptions single-pin & triple-pin quickconnect? single wire size part no. length inch cm diameter inch cm mated length inch cm weight grams key color 12 sjs512100 1.21 3.07 0.45 1.14 1.78 4.52 2.19 blue sjs512110 red 16 SJS716100 1.13 2.87 0.39 0.99 1.65 4.20 1.70 n/a blue sjs716110 red 20 sjs720100 1.11 2.82 0.39 0.99 1.70 4.32 1.40 n/a green sjs720110 yellow triple wire 16 sjs816100 1.12 2.84 0.70 1.78 1.60 4.10 5.30 a red sjs816110 b white sjs816120 c blue 20 sjs820100 1.08 2.74 0.70 1.78 1.68 4.27 4.30 a red sjs820110 b white sjs820120 c blue n/a receptacle descriptions single wire size part no. length inch cm diameter inch cm mated length inch cm weight grams key color 12 sjs512200 1.12 2.84 0.49 1.24 1.78 4.52 1.80 blue sjs512210 red 16 sjs716200 1.06 2.69 0.43 1.09 1.65 4.20 1.50 n/a blue sjs716210 red 20 sjs720200 1.03 2.61 0.39 0.99 1.70 4.32 1.20 n/a green sjs720210 yellow triple wire 16 sjs816200 1.03 2.61 0.70 1.78 1.60 4.10 4.60 a red sjs816210 b white sjs816220 c blue 20 sjs820200 0.99 2.51 0.70 1.78 1.68 4.27 3.70 a red sjs820210 b white sjs820220 c blue n/a technical specifications materials insulator body polyamide 6/6 (nylon) grommet silicone rubber contact retainers stainless steel performance temperature range - 65c to + 125c insulation resistance > 5000 megaohms min. dialectric withstanding 1500vrms @ sea level voltage 600vrms @ 45,000 ft. altitude current ratings size 20: 7.5 amps size 16: 13 amps size 12: 23 amps sealing size 16 & 20: eia-364-03b (12,000 ft.) size 12: eia-364-d, method 3 vibration size 16 & 20: eia-364-28d (test condition v, e) size 12: eia-364-d (method 28, test condition v) flammability ul94, v0. cti rating ul746b, 600v contact retention size 16 & 20: eia-364-29b (20 lb) size 12: 30 lbs contacts plug size 12 m39029/56-353 (socket) size 16 m39029/56-352 (socket) size 20 m39029/56-351 (socket) size 12 m39029/58-365 (pin) size 16 m39029/58-364 (pin) size 20 m39029/58-363 (pin) receptacle product description single-pin quickconnect? : developed to meet mil-t-81714 criteria and available in two colors per size, these products feature an environmental sealing that meets eia-364d-03b to 12,000 ft. altitude immersi on test standard. mating and releasing the plug and receptacle is made simple to do. simply push the part together to mate, and ?twist and pull? to release. triple-pin quickconnect? : developed to meet mil-t-81714 criteria and available in three colors, these products feature molded-in polarizing keys to enable blind-mate connections. simply push the part together to ma te and lock, and ?squeeze and pull? to release. (contacts must be ordered separately. three pin and socket sets are required per triple quickconnect and one pair per single.) wire size crimp tool installation/ removal tool basic tool positioner 12 m22520/1-04 m81969/14-04 22d m22520/2-09 (p) m22520/2-07 (s) m81969/14-01 m22520/1-01 m22520/2-01 16 m22520/1-01 m22520/1-04 m81969/14-03 20 m22520/1-01 m22520/1-04 m81969/14-02 termination accessories amphenol pcd www.amphenolpcd.com email: quickconnect@amphenolpcd.com 978-624-3400
related products from amphenol pcd contact information mil-t-81714 series ii high density, low weight, environmentally sealed socket junction module with lightweight composite track. electronic splices electronic component splices available with a variety of diodes, fuses, capacitors, and resistors. designed to meet 1119 to nsa specifications. junction modules connecting people + technology amphenol pcd headquarters 72 cherry hill drive beverly, ma 01915 usa email: quickconnect@amphenolpcd.com tel: 978-624-3400 mil-t-81714 series i track-mounted terminal junction modules with multiple bussing and electronic package options. wire splices amphenol pcd welcomes inquiries for application-specific modifications to the standard sjs quickconnect series. the environmenta lly-sealed series is c ontinuously expanding to meet current and future customer needs. a pplication-specific customization include: high power electronic packaging increased channel sizes product customization varied wire gauges custom colors unique markings alternate contacts distinct configurations alternative alterations inline splices single and multi-contact inline wire splices to mil-t-817814 series i and ii. other products from amphenol pcd high performance p-clamps ? victrex peek polymer ? non-corrosive; non-conductive ? overmolded silicone cushions backshells for circular connectors ? qpl certified to as85049 standard ? complete range of products ? short lead-time contact us or more information contact us for more information amphenol pcd www.amphenolpcd.com email: quickconnect@amphenolpcd.com 978-624-3400


▲Up To Search▲   

 
Price & Availability of SJS716100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X